Part Number Hot Search : 
TE75A P87C5 A1010 SPKC1290 8201XA C1210 AVF30007 C4072D
Product Description
Full Text Search
 

To Download IDT74FCT162244ET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT54/74FCT162244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54/74FCT162244T/AT/CT/ET
FEATURES:
* * * * * * * * *
0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) Balanced Output Drivers: - 24mA (industrial) - 16mA (military) Reduced system switching noise Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25C Available in the following packages: - Industrial: SSOP, TSSOP, TVSOP - Military: CERPACK
DESCRIPTION:
The FCT162244T 16-Bit Buffer/Line Driver is for bus interface or signal buffering applications requiring high speed and low power dissipation. These devices have a flow through pin organization, and shrink packaging to simplify board layout. All inputs are designed with hysteresis for improved noise margin. The three-state controls allow independent 4-bit, 8-bit or combined 16-bit operation. These parts are plug in replacements for 54/74ABT16244 where higher speed, lower noise or lower power dissipation levels are desired. The FCT162244T has balanced output current levels and current limiting resistors. These offer low ground bounce, minimal undershoot, and controlled output fall times, reducing the need for external series terminating resistors while still providing very high speed operation for loads of less than 200pF.
FUNCTIONAL BLOCK DIAGRAM
1OE 1A1 1A2 1A3 1A4 1Y1
3OE 3A1 3A2 3A3 3Y1 3Y2
1Y2 1Y3
3Y3 3Y4
1Y4
3A4
2OE 2Y1
4OE 4A1 4A2 4A3 4A4
2A1 2A2 2A3 2A4
4Y1 4Y2 4Y3
2Y2 2Y3 2Y4
4Y4
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
1
(c) 2002 Integrated Device Technology, Inc.
JUNE 2002
DSC-5461/4
IDT54/74FCT162244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
PIN CONFIGURATION
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA VTERM(3) TSTG IOUT
1OE 1Y1 1Y2
2OE 1A1 1A2
GND
1Y3 1Y4
GND
1A3 1A4
VCC
2Y1 2Y2
VCC
2A1 2A2
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXXT Output and I/O terminals. 3. Output and I/O terminals terminals for FCT162XXXT and FCT166XXXT.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
GND
2Y3 2Y4 3Y1 3Y2
GND
2A3 2A4 3A1 3A2
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names xOE xAx xYx Data Inputs 3-State Outputs Description 3-State Output Enable Inputs (Active LOW)
GND
3Y3 3Y4
GND
3A3 3A4
VCC
4Y1 4Y2
VCC
4A1 4A2
FUNCTION TABLE(1)
Inputs xOE L xAx L H X Outputs xYx L H Z
GND
4Y3 4Y4 4OE
GND
4A3 4A4 3OE
L H
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High-Impedance
SSOP/ TSSOP/ TVSOP/ CERPACK TOP VIEW
2
IDT54/74FCT162244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%; Military: TA = -55C to +125C, VCC = 5.0V 10%
Symbol VIH VIL IIH Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) IIL Input LOW Current (Input pins)(5) Input LOW Current (I/O pins)(5) IOZH IOZL VIK IOS VH ICCL ICCH ICCZ High Impedance Output Current (3-State Output pins)(5) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500 V mA mV A A A Unit V V A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = Min IOH = -16mA MIL VIN = VIH or VIL IOH = -24mA COM'L VCC = Min IOH = 16mA MIL IOH = 24mA COM'L VIN = VIH or VIL Min. 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. This test limit for this parameter is 5A at TA = -55C.
3
IDT54/74FCT162244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xOE = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle xOE = GND One Bit Toggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle xOE = GND Sixteen Bits Toggling VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 60 Max. 1.5 100 Unit mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = 3.4V VIN = GND VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
0.6
1.5
mA
--
0.9
2.3
--
2.4
4.5(5)
--
6.4
16.5(5)
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
4
IDT54/74FCT162244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
74FCT162244AT Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay xAx to xYx Output Enable Time Output Disable Time Output Skew(3) Condition(1) CL = 50pF RL = 500 Min.(2) 1.5 1.5 1.5 -- Max. 4.8 6.2 5.6 0.5 74FCT162244CT Min.(2) 1.5 1.5 1.5 -- Max. 4.1 5.8 5.2 0.5 74FCT162244ET Min.(2) 1.5 1.5 1.5 -- Max. 3.2 4.4 3.6 0.5 Unit ns ns ns ns
54FCT162244T Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay xAx to xYx Output Enable Time Output Disable Time Output Skew(3) Condition(1) CL = 50pF RL = 500 Min.(2) 1.5 1.5 1.5 -- Max. 7 8.5 7.5 0.5
54FCT162244AT Min.(2) 1.5 1.5 1.5 -- Max. 5.1 6.5 5.9 0.5
54FCT162244CT Min.(2) 1.5 1.5 1.5 -- Max. 4.6 6.5 5.7 0.5 Unit ns ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
5
IDT54/74FCT162244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuit for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPHZ 0.3V 1.5V 0V VOH 0V tPLZ DISABLE 3V 1.5V 0V 3.5V 0.3V VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
6
IDT54/74FCT162244T/AT/CT/ET FAST CMOS 16-BIT BUFFER/LINE DRIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT XX FCT Temp. Range XXX Family XXXX Device Type XX Package X Process Blank B Industrial MIL-STD-883, Class B Industrial Options Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package Military Options CERPACK
PV PA PF
E
244T 244AT 244CT 244ET 162 54 74
16-Bit Buffer/Line Driver
Double-Density, 5 Volt, Balanced Drive - 55C to +125C - 40C to +85C
DATA SHEET DOCUMENT HISTORY
3/26/2002 6/26/2002 Removed standard speed grade Updated as per PDNs Logic-00-07 and Logic-01-04
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT162244ET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X